| データシートサーチシステム |
|
PD55003TR-E データシート(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PD55003TR-E データシート(HTML) 13 Page - STMicroelectronics |
|
13 / 29 page ![]() PD55003-E, PD55003S-E Test circuit Doc ID 12273 Rev 3 13/29 6 Test circuit Figure 30. Test circuit schematic Table 9. Test circuit component part list Component Description B1,B2 Short ferrit bead, fair rite products (2743021446) C1,C14 240 pF, 100 mil chip capacitor C2,C3,C4,C10,C11,C12 0 TO 20 pF trimmer capacitor C5 130 pF, 100 mil chip cap C6,C17 120 pF, 100 mil chip cap C7,C14 10 µF, 50 V electrolytic capacitor C8,C15 1.200 pF, 100 mil chip cap C9,C16 0.1 F, 100 mil chip cap L1 55.5 nH, 5 turn, Coilcraft N1,N2 Type N flange mount R1 15 Ω, 0805 chip resistor R2 1.0 k Ω, 1/8 W resistor R3 15 Ω, 0805 chip resistor R4 33 k Ω, 1/8 W resistor Z1 0.175’’ X 0.080’’ microstrip Z2 1.049’’ X 0.080’’ microstrip Z3 0.289’’ X 0.080’’ microstrip Z4 0.026’’ X 0.080’’ microstrip Z5 0.192’’ X 0.223’’ microstrip Z6,Z7 0.260’’ X 0.223’’ microstrip Z8 0.064’’ X 0.080’’ microstrip Z9 0.334’’ X 0.080’’ microstrip |