データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST10F272Z2Q3 データシート(PDF) 52 Page - STMicroelectronics

部品番号 ST10F272Z2Q3
部品情報  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272Z2Q3 データシート(HTML) 52 Page - STMicroelectronics

Back Button ST10F272Z2Q3 Datasheet HTML 48Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 49Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 50Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 51Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 52Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 53Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 54Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 55Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 189 page
background image
Central processing unit (CPU)
ST10F272Z2
52/189
7.3
MAC co-processor specific instructions
The Table 28 lists the MAC instructions of the ST10F272Z2. The detailed description of
each instruction can be found in the “ST10 Family Programming Manual”. Note that all MAC
instructions are encoded on 4 Bytes.
Table 28.
MAC instruction set summary
Mnemonic
Description
CoABS
Absolute Value of the Accumulator
CoADD(2)
Addition
CoASHR(rnd)
Accumulator Arithmetic Shift Right & Optional Round
CoCMP
Compare Accumulator with Operands
CoLOAD(-,2)
Load Accumulator with Operands
CoMAC(R,u,s,-,rnd)
(Un)Signed/(Un)Signed Multiply-Accumulate & Optional Round
CoMACM(R)(u,s,-,rnd)
(Un)Signed/(Un)Signed Multiply-Accumulate with Parallel Data
Move & Optional Round
CoMAX / CoMIN
Maximum / Minimum of Operands and Accumulator
CoMOV
Memory to Memory Move
CoMUL(u,s,-,rnd)
(Un)Signed/(Un)Signed multiply & Optional Round
CoNEG(rnd)
Negate Accumulator & Optional Round
CoNOP
No-Operation
CoRND
Round Accumulator
CoSHL / CoSHR
Accumulator Logical Shift Left / Right
CoSTORE
Store a MAC Unit Register
CoSUB(2,R)
Substraction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More