データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST10F272Z2Q3 データシート(PDF) 106 Page - STMicroelectronics

部品番号 ST10F272Z2Q3
部品情報  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272Z2Q3 データシート(HTML) 106 Page - STMicroelectronics

Back Button ST10F272Z2Q3 Datasheet HTML 102Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 103Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 104Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 105Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 106Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 107Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 108Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 109Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 110Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 189 page
background image
System reset
ST10F272Z2
106/189
Figure 35.
PORT0 bits latched into the different registers after reset
L.5
L.4
L.3
L.2
L.1
L.0
H.3
H.2
H.1
H.0
L.7
L.6
H.7
H.6
H.5
H.4
EMU
ADP
WRC
CSSEL
SALSEL
BUSTYP
RP0H
Clock
Port 4
Logic
Port 6
Logic
SYSCON
BUSCON0
Internal Control Logic
CLKCFG
76
2
P0L.7
P0L.7
9
BYTDIS
WRCFG
PORT0
Bootstrap Loader
Generator
CLKCFG
SALSEL
CSSEL
WRC
BTYP
BSL
Res.
10
9
ALE
CTL0
BUS
ACT0
EA / VSTBY
ROMEN
10
8
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More