| データシートサーチシステム |
|
ST10F272Z2Q3 データシート(PDF) 149 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST10F272Z2Q3 データシート(HTML) 149 Page - STMicroelectronics |
|
149 / 189 page ![]() ST10F272Z2 Electrical characteristics 149/189 Non-linearity error Non-Linearity error is the deviation between actual and the best-fitting A/D conversion characteristics (see Figure 42): ● Differential Non-Linearity error is the actual step dimension versus the ideal one (1 LSBIDEAL). ● Integral Non-Linearity error is the distance between the center of the actual step and the center of the bisector line, in the actual characteristics. Note that for Integral Non- Linearity error, the effect of offset, gain and quantization errors is not included. Note: Bisector characteristic is obtained drawing a line from 1/2 LSB before the first step of the real characteristic, and 1/2 LSB after the last step again of the real characteristic. 25.7.3 Total unadjusted error The Total Unadjusted Error specifies the maximum deviation from the ideal characteristic: the number provided in the Data Sheet represents the maximum error with respect to the entire characteristic. It is a combination of the Offset, Gain and Integral Linearity errors. The different errors may compensate each other depending on the relative sign of the Offset and Gain errors. Refer to Figure 42, see TUE. Figure 42. A/D conversion characteristic (2) (1) (3) (4) (5) Offset Error OFS Offset Error OFS Gain Error GE 1 LSB (ideal) VAIN (LSBIDEAL) [LSBIDEAL = VAREF / 1024] Digital Out (HEX) 3FF 3FE 3FD 3FC 3FB 3FA 005 004 003 002 001 000 007 006 (1) Example of an actual transfer curve (2) The ideal transfer curve (3) Differential Non-Linearity Error (DNL) (4) Integral Non-Linearity Error (INL) (5) Center of a step of the actual transfer curve (6) Quantization Error (1/2 LSB) (7) Total Unadjusted Error (TUE) 13 5 7 1024 1022 1020 1018 24 6 (6) (7) Bisector Characteristic Ideal Characteristic |