データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PD57006STR-E データシート(PDF) 18 Page - STMicroelectronics

部品番号 PD57006STR-E
部品情報  RF POWER transistor, LdmoST plastic family N-channel enhancement-mode, lateral MOSFETs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD57006STR-E データシート(HTML) 18 Page - STMicroelectronics

Back Button PD57006STR-E Datasheet HTML 14Page - STMicroelectronics PD57006STR-E Datasheet HTML 15Page - STMicroelectronics PD57006STR-E Datasheet HTML 16Page - STMicroelectronics PD57006STR-E Datasheet HTML 17Page - STMicroelectronics PD57006STR-E Datasheet HTML 18Page - STMicroelectronics PD57006STR-E Datasheet HTML 19Page - STMicroelectronics PD57006STR-E Datasheet HTML 20Page - STMicroelectronics PD57006STR-E Datasheet HTML 21Page - STMicroelectronics PD57006STR-E Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
Package mechanical data
PD57006-E, PD57006S-E
18/22
Doc ID 12611 Rev 2
Note:
Resin protrusions not included (max value: 0.15 mm per side)
Figure 28.
Package dimensions
Table 13.
PowerSO-10RF straight lead mechanical data
Dim.
mm.
Inch
Min.
Typ.
Max.
Min.
Typ.
Max.
A1
1.62
1.67
1.72
0.064
0.065
0.068
A2
3.4
3.5
3.6
0.134
0.137
0.142
A3
1.2
1.3
1.4
0.046
0.05
0.054
A4
0.15
0.2
0.25
0.005
0.007
0.009
a0.2
0.007
b
5.4
5.53
5.65
0.212
0.217
0.221
c
0.23
0.27
0.32
0.008
0.01
0.012
D
9.4
9.5
9.6
0.370
0.374
0.377
D1
7.4
7.5
7.6
0.290
0.295
0.298
E
15.15
15.4
15.65
0.595
0.606
0.615
E1
9.3
9.4
9.5
0.365
0.37
0.375
E2
7.3
7.4
7.5
0.286
0.292
0.294
E3
5.9
6.1
6.3
0.231
0.24
0.247
F0.5
0.019
G1.2
0.047
R1
0.25
0.01
R2
0.8
0.031
T1
6 deg
6 deg
T2
10 deg
10 deg
CRITICAL DIMENSIONS:
- Overall width (L)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22