データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M41T83RMY6F データシート(PDF) 8 Page - STMicroelectronics

部品番号 M41T83RMY6F
部品情報  Serial I2C bus RTC with battery switchover
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T83RMY6F データシート(HTML) 8 Page - STMicroelectronics

Back Button M41T83RMY6F Datasheet HTML 4Page - STMicroelectronics M41T83RMY6F Datasheet HTML 5Page - STMicroelectronics M41T83RMY6F Datasheet HTML 6Page - STMicroelectronics M41T83RMY6F Datasheet HTML 7Page - STMicroelectronics M41T83RMY6F Datasheet HTML 8Page - STMicroelectronics M41T83RMY6F Datasheet HTML 9Page - STMicroelectronics M41T83RMY6F Datasheet HTML 10Page - STMicroelectronics M41T83RMY6F Datasheet HTML 11Page - STMicroelectronics M41T83RMY6F Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 61 page
background image
Description
M41T82-M41T83
8/61
Doc ID 12578 Rev 12
Table 1.
Signal names
Symbol
Description
XI(1)
1.
For SO8 and QFN16 packages only.
32 KHz oscillator input
XO(1)
32 KHz oscillator output
IRQ1/OUT/FT(2)
2.
For SOX18 and QFN16 packages only.
Interrupt 1/output driver/frequency test output (open drain)
SQW(3)
3.
Defaults to 32 KHz on power-up.
32 KHz programmable square wave output
RST
Power-on reset output (open drain)
FT/RST
Frequency test output/power-on reset (open drain - M41T82 only)
IRQ2(2)
Interrupt for alarm 2 (open drain)
SDA
Serial data address input/output
SCL
Serial clock input
VBAT
Battery supply voltage (tie VBAT to VSS if no battery is connected.)
DU(4)
4.
DU pin must be tied to VCC.
Do not use
VCC
Supply voltage
VSS
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61