| データシートサーチシステム |
|
E-STE12PS データシート(PDF) 39 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
E-STE12PS データシート(HTML) 39 Page - STMicroelectronics |
|
39 / 44 page ![]() Obsolete Product(s) - Obsolete Product(s) STE12PS Ball coordinates 39/44 15 AA NC 19 K SSRp4 15 AB SP11 19 L GND 16 A PORn 19 M GND 16 AA NC 19 V GND 16 AB P11_3 19 W SSRp3 16 B vdde 19 N GND 16 C gnde 19 P GND 16 D vdd 19 R GND 16 W GND 19 T GND 16 Y SSRp11 19 U GND 17 A vdde 19 Y FSRp3_1-2 17 AA NC 20 D POWER_EN9 17 AB P11_1-2 20 E CdetSlow 17 B gnde 19 AA NC 17 C vdd 19 AB SP3 17 D vdd 20 A POWER_EN0 17 W GND 20 B POWER_EN3 17 Y ACS11 20 C POWER_EN6 18 A gnde 20 F RMONF 18 AA NC 20 M ACS12 18 AB NC 20 N SSRp12 18 B vdd 20 G FSRp8_1-2 18 C gnd 20 H FSRp8_3 18 D gnd 20 J ACS4 18 W GND 20 K FSRp4_1-2 18 Y FSRp3_3 20 L FSRp4_3 19 A vdd 20 P FSRp12_1-2 19 B gnd 20 R FSRp12_3 19 C gnd 20 T ACS7 19 D gnd 20 U SSRp7 19 E gnd 20 V FSRp7_1-2 19 F RMONS 20 W FSRp7_3 19 G HQgnd 20 Y ACS3 19 H ACS8 20 AA NC 19 J SSRp8 20 AB P3_3 Table 13. Pad coordinates (continued) Column Row Pin name Column Row Pin name |