データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STF20NF20 データシート(PDF) 8 Page - STMicroelectronics

部品番号 STF20NF20
部品情報  N-channel 200 V, 0.10 Ω, 18 A DPAK, TO-220, TO-220FP low gate charge STripFET??Power MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF20NF20 データシート(HTML) 8 Page - STMicroelectronics

Back Button STF20NF20 Datasheet HTML 4Page - STMicroelectronics STF20NF20 Datasheet HTML 5Page - STMicroelectronics STF20NF20 Datasheet HTML 6Page - STMicroelectronics STF20NF20 Datasheet HTML 7Page - STMicroelectronics STF20NF20 Datasheet HTML 8Page - STMicroelectronics STF20NF20 Datasheet HTML 9Page - STMicroelectronics STF20NF20 Datasheet HTML 10Page - STMicroelectronics STF20NF20 Datasheet HTML 11Page - STMicroelectronics STF20NF20 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Electrical characteristics
STD20NF20, STF20NF20, STP20NF20
8/15
Doc ID 13154 Rev 4
Figure 14. Source-drain diode forward
characteristics
VSD
3
9
ISD(A)
(V)
6
18
12
15
0.5
0.6
0.7
0.8
0.9
TJ=-50°C
TJ=25°C
TJ=175°C
AM03982v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15