データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M24M01-RMW6TG/A データシート(PDF) 5 Page - STMicroelectronics

部品番号 M24M01-RMW6TG/A
部品情報  1 Mbit serial I²C bus EEPROM
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24M01-RMW6TG/A データシート(HTML) 5 Page - STMicroelectronics

  M24M01-RMW6TG/A Datasheet HTML 1Page - STMicroelectronics M24M01-RMW6TG/A Datasheet HTML 2Page - STMicroelectronics M24M01-RMW6TG/A Datasheet HTML 3Page - STMicroelectronics M24M01-RMW6TG/A Datasheet HTML 4Page - STMicroelectronics M24M01-RMW6TG/A Datasheet HTML 5Page - STMicroelectronics M24M01-RMW6TG/A Datasheet HTML 6Page - STMicroelectronics M24M01-RMW6TG/A Datasheet HTML 7Page - STMicroelectronics M24M01-RMW6TG/A Datasheet HTML 8Page - STMicroelectronics M24M01-RMW6TG/A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
M24M01-R, M24M01-W, M24M01-HR
List of figures
Doc ID 12943 Rev 7
5/37
List of figures
Figure 1.
Logic diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Figure 2.
SO connections . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Figure 3.
WLCSP8 connections . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Figure 4.
Device select code . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Figure 5.
M24M01-R/M24M01-W – Maximum Rbus value versus bus parasitic
capacitance (Cbus) for an I
2C bus at maximum frequency f
C = 400 kHz . . . . . . . . . . . . . . 10
Figure 6.
M24M01-HR – Maximum Rbus value versus bus parasitic capacitance
(Cbus) for an I
2C bus at maximum frequency f
C = 1MHz . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 7.
I2C bus protocol . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Figure 8.
Write mode sequences with WC = 1 (data write inhibited) . . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 9.
Write mode sequences with WC = 0 (data write enabled) . . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 10.
Write cycle polling flowchart using ACK . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
Figure 11.
Read mode sequences . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 12.
AC measurement I/O waveform . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Figure 13.
AC waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
Figure 14.
SO8N – 8-lead plastic small outline, 150 mils body width, package outline . . . . . . . . . . . . 27
Figure 15.
SO8W – 8-lead plastic small outline, 208 mils body width, package outline . . . . . . . . . . . 28
Figure 16.
WLCSP8 – Wafer level chip scale package outline . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29
Figure 17.
M24M01-R die plot . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37