データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STL128DN データシート(PDF) 10 Page - STMicroelectronics

部品番号 STL128DN
部品情報  High voltage fast-switching NPN power transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL128DN データシート(HTML) 10 Page - STMicroelectronics

Back Button STL128DN Datasheet HTML 6Page - STMicroelectronics STL128DN Datasheet HTML 7Page - STMicroelectronics STL128DN Datasheet HTML 8Page - STMicroelectronics STL128DN Datasheet HTML 9Page - STMicroelectronics STL128DN Datasheet HTML 10Page - STMicroelectronics STL128DN Datasheet HTML 11Page - STMicroelectronics STL128DN Datasheet HTML 12Page - STMicroelectronics STL128DN Datasheet HTML 13Page - STMicroelectronics STL128DN Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Package mechanical data
STL128DN
10/14
Doc ID 13984 Rev 3
TO-220 type E mechanical data
Dim
mm
Min
Typ
Max
A
4.47
4.67
b
0.70
0.91
b11.17
1.37
c0.310.53
D
14.60
15.70
E
9.96
10.36
e2.54
e1
4.98
5.08
5.18
F1.17
1.37
H1
6.10
6.80
J1
2.52
2.82
L
12.70
13.80
L1
3.20
3.96
L20
15.21
16.77
øP
3.733.94
Q2.59
2.89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14