| データシートサーチシステム |
|
R8C2A データシート(PDF) 21 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R8C2A データシート(HTML) 21 Page - Renesas Technology Corp |
|
21 / 66 page ![]() R8C/2A Group, R8C/2B Group 2. Central Processing Unit (CPU) Rev.2.10 Nov 26, 2007 Page 19 of 60 REJ03B0182-0210 2.8.7 Interrupt Enable Flag (I) The I flag enables maskable interrupts. Interrupt are disabled when the I flag is set to 0, and are enabled when the I flag is set to 1. The I flag is set to 0 when an interrupt request is acknowledged. 2.8.8 Stack Pointer Select Flag (U) ISP is selected when the U flag is set to 0; USP is selected when the U flag is set to 1. The U flag is set to 0 when a hardware interrupt request is acknowledged or the INT instruction of software interrupt numbers 0 to 31 is executed. 2.8.9 Processor Interrupt Priority Level (IPL) IPL is 3 bits wide and assigns processor interrupt priority levels from level 0 to level 7. If a requested interrupt has higher priority than IPL, the interrupt is enabled. 2.8.10 Reserved Bit If necessary, set to 0. When read, the content is undefined. |