| データシートサーチシステム |
|
L9954 データシート(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9954 データシート(HTML) 16 Page - STMicroelectronics |
|
16 / 37 page ![]() Electrical specifications L9954 / L9954XP 16/37 Doc ID 14279 Rev 3 Figure 3. SPI - transfer timing diagram Figure 4. SPI - input timing 12 3 4 5 6 7 0 01 12 3 45 67 0 12 3 4 5 6 7 0 0 1 01 CSN CLK DI DO Input Data Register CSN high to low: DO enabled time DI: data will be accepted on the rising edge of CLK signal time time time time DO: data will change on the falling edge of CLK signal fault bit CSN low to high: actual data is transfered to output power switches old data new data 23 22 21 20 19 18 23 22 21 20 19 18 23 22 21 20 19 18 X X X X X X 12 3 4 5 6 7 0 01 12 3 45 67 0 12 3 4 5 6 7 0 01 12 3 45 67 0 12 3 4 5 6 7 0 0 1 01 CSN CLK DI DO Input Data Register CSN high to low: DO enabled time DI: data will be accepted on the rising edge of CLK signal time time time time DO: data will change on the falling edge of CLK signal fault bit CSN low to high: actual data is transfered to output power switches old data new data 12 3 4 5 6 7 0 0 1 01 CSN CLK DI DO Input Data Register CSN high to low: DO enabled time DI: data will be accepted on the rising edge of CLK signal time time time time DO: data will change on the falling edge of CLK signal fault bit CSN low to high: actual data is transfered to output power switches old data new data 23 22 21 20 19 18 23 22 21 20 19 18 23 22 21 20 19 18 X X X X X X 0.8 VCC 0.8 VCC 0.8 VCC 0.2 VCC 0.2 VCC 0.2 VCC Valid Valid CSN CLK DI t set CSN t CLKH t set CLK t CLKL t hold DI t set DI |