| データシートサーチシステム |
|
L9953XP データシート(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9953XP データシート(HTML) 1 Page - STMicroelectronics |
|
1 / 38 page ![]() May 2010 Doc ID 14278 Rev 3 1/38 1 L9953 L9953XP Door actuator driver Features ■ One full bridge for 6A load (Ron=150mΩ) ■ Three half bridges for 1.5A load (Ron=800mΩ) ■ One highside driver for 6A load (Ron=100mΩ) ■ Two highside drivers for 1.5A load (Ron=800mΩ) ■ Programmable softstart function to drive loads with higher inrush currents (i.e. current >6A, >1.5A) ■ Very low current consumption in stand-by mode (IS < 6µA typ; Tj ≤ 85 °C) ■ All outputs short circuit protected ■ Current monitor output for highside OUT1, OUT4, OUT5 and OUT8 ■ All outputs over temperature protected ■ Open load diagnostic for all outputs ■ Overload diagnostic for all outputs ■ Separated half bridges for door lock motor ■ PWM control of all outputs ■ Charge pump output for reverse polarity protection Applications ■ Door actuator driver with bridges for door lock , mirror axis control, mirror fold and highside driver for mirror defroster and two 10W-light bulbs. Description The L9953 and L9953XP are microcontroller driven multifunctional door actuator driver for automotive applications. Up to three DC motors and three grounded resistive loads can be driven with five half bridges and three highside drivers. The integrated standard serial peripheral interface (SPI) controls all operation modes (forward, reverse, brake and high impedance). All diagnostic informations are available via SPI. PowerSO-36 PowerSSO-36 Table 1. Device summary Package Order codes Tube Tape and reel PowerSO-36 L9953 L9953TR PowerSSO-36 L9953XP L9953XPTR www.st.com |
同様の部品番号 - L9953XP |
|
同様の説明 - L9953XP |