| データシートサーチシステム |
|
TLE4906L データシート(PDF) 10 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE4906L データシート(HTML) 10 Page - Infineon Technologies AG |
|
10 / 17 page ![]() Data Sheet 8 V 2.0, 2009-01 TLE4906K TLE4906L Specification 3.2 Operating Range Table 5 Operating Conditions Parameters Parameter Symbol Values Unit Note / Test Condition Min. Typ. Max. Supply voltage VS 2.7 18 V Output voltage VQ -0.7 18 V Junction temperature Tj -40 150 °C Output current IQ 0 20 mA The following operating conditions must not be exceeded in order to ensure correct operation of the TLE4906K / TLE4906L. All parameters specified in the following sections refer to these operating conditions unless otherwise mentioned. |