| データシートサーチシステム |
|
TLE7238GS データシート(PDF) 7 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE7238GS データシート(HTML) 7 Page - Infineon Technologies AG |
|
7 / 37 page ![]() Data Sheet 7 Rev. 1.0, 2008-10-30 TLE7238GS Block Diagram 2.1 Terms Figure 2 shows all terms used in this data sheet. Figure 2 Terms In all tables of the electrical characteristics is valid: Channel related symbols without channel number are valid for each channel separately (e.g. V DS specification is valid for V DS0 … VDS7). In order to make the description of output currents easier, the load current IOut is equivalent to the drain current I OUT_D in low-side configuration and the source current IOUT_S in high-side configuration. All SPI register bits are marked as follows: ADDR.PARAMETER (e.g. ICR01.INX1). In SPI register description, the values in bold letters (e.g. 0) are default values. VCS V SCLK VSI ISO SO ISCLK ISI SCLK SI ICS CS VSO GND IGND VBB IS VDD IDD IN2 IN1 IIN2 IIN1 VIN1 VDD VIN 2 LHI I LHI VLHI SUB Terms_5_GS.emf OUT0 OUT1 OUT2 OUT3 Vbat VDS3 VDS1 V DS2 VDS0 VDS7 VDS6 D4 OUT6 OUT7 S5 V S5 VS4 VDS4 VS0 VS1 VS2 VS3 D5 S4 VDS5 V D5 VD4 IOUT_S1 IOUT_S3 I OUT_S0 IOUT_S2 IOUT_S5 IOUT_D7 IOUT_D4 IOUT_D6 IOUT_D5 IOUT_S4 TLE7238GS |