データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA7110 データシート(PDF) 5 Page - Infineon Technologies AG

部品番号 TDA7110
部品情報  ASK/FSK Transmitter 868/433 MHz
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INFINEON [Infineon Technologies AG]
ホームページ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TDA7110 データシート(HTML) 5 Page - Infineon Technologies AG

  TDA7110 Datasheet HTML 1Page - Infineon Technologies AG TDA7110 Datasheet HTML 2Page - Infineon Technologies AG TDA7110 Datasheet HTML 3Page - Infineon Technologies AG TDA7110 Datasheet HTML 4Page - Infineon Technologies AG TDA7110 Datasheet HTML 5Page - Infineon Technologies AG TDA7110 Datasheet HTML 6Page - Infineon Technologies AG TDA7110 Datasheet HTML 7Page - Infineon Technologies AG TDA7110 Datasheet HTML 8Page - Infineon Technologies AG TDA7110 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
Product Description
1 - 2
TDA7110
Wireless Components
Data Sheet, December 2008
1.1 Overview
The TDA7110 is a single chip ASK/FSK transmitter for the frequency bands
868-870 MHz and 433-435 MHz. The IC offers a high level of integration and
needs only a few external components. The device contains a fully integrated
PLL synthesizer and a high efficiency power amplifier to drive a loop antenna.
A special circuit design and an unique power amplifier design are used to save
current consumption and therefore to save battery life. Additional features like
a power down mode, a low power detect, a selectable crystal oscillator fre-
quency and a divided clock output are implemented. The IC can be used for
both ASK and FSK modulation.
1.2 Applications
Keyless entry systems
Remote control systems
Alarm systems
Communication systems
1.3 Features
fully integrated frequency synthesizer
VCO without external components
high efficiency power amplifier typ. 10 dBm @ 3 V
switchable frequency range 868-870/433-435 MHz
ASK/FSK modulation
low supply current typ. 13 mA @ 3 V
voltage supply range 2.1 - 4 V
power down mode
low voltage sensor
selectable crystal oscillator 6.78 MHz/13.56 MHz
programmable divided clock output for µC
low external component count



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com