| データシートサーチシステム |
|
TLE4935G データシート(PDF) 6 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE4935G データシート(HTML) 6 Page - Infineon Technologies AG |
|
6 / 17 page ![]() Data Sheet 6 V1.3, 2007-12-05 TLE4905G; TLE4935G; TLE4945-2G Functional Description Unipolar Type TLE4905 (Figure 3 and 4) When a positive magnetic field is applied in the indicated direction (Figure 3) and the turn-on magnetic induction B OP is exceeded, the output of the Hall-effect IC will conduct (Operate Point). When the magnetic field is reduced to a value smaller than the release point, the output of the IC turns off (Release Point; Figure 4). AES01231 S N Branded Side + V S - V Q + Ι Figure 3 Sensor/Magnetic-Field Configuration AED01420 Induction Output Voltage 0 B RP OP B B t V QH V QL Q V t Figure 4 Switching Characteristics Unipolar Type |