データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLE4945-2G データシート(PDF) 3 Page - Infineon Technologies AG

部品番号 TLE4945-2G
部品情報  Uni- and Bipolar Hall IC Switches for Magnetic Field Applications
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INFINEON [Infineon Technologies AG]
ホームページ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4945-2G データシート(HTML) 3 Page - Infineon Technologies AG

  TLE4945-2G Datasheet HTML 1Page - Infineon Technologies AG TLE4945-2G Datasheet HTML 2Page - Infineon Technologies AG TLE4945-2G Datasheet HTML 3Page - Infineon Technologies AG TLE4945-2G Datasheet HTML 4Page - Infineon Technologies AG TLE4945-2G Datasheet HTML 5Page - Infineon Technologies AG TLE4945-2G Datasheet HTML 6Page - Infineon Technologies AG TLE4945-2G Datasheet HTML 7Page - Infineon Technologies AG TLE4945-2G Datasheet HTML 8Page - Infineon Technologies AG TLE4945-2G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Uni- and Bipolar Hall IC Switches for
Magnetic Field Applications
TLE4905G; TLE4935G;
TLE4945-2G
SOT-89
Data Sheet
3
V1.3, 2007-12-05
Features
• Digital output signal
• For unipolar and alternating magnetic fields
• Large temperature range
• Temperature compensated magnetic performance
• Protection against reversed polarity
• Output protection against electrical disturbances
Type
Marking
Ordering Code
Package
TLE4905G
05
Q62705-K402
SOT-89
TLE4935G
35
Q62705-K404
SOT-89
TLE4945-2G
45 2
Q62705-K403
SOT-89
TLE4905/35/45-2 (Unipolar/Bipolar Magnetic Field Switches) have been designed
specifically for automotive and industrial applications. Reverse polarity protection is
included on-chip as is output protection against negative voltage transients.
Typical applications are position/proximity indicators, brushless DC motor commutation,
rotational indexing etc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17