| データシートサーチシステム |
|
TLE4268GS データシート(PDF) 15 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE4268GS データシート(HTML) 15 Page - Infineon Technologies AG |
|
15 / 17 page ![]() TLE 4268 Data Sheet 15 Rev. 1.5, 2007-03-20 Figure 8 PG-DSO-20-35 (Plastic Dual Small Outline) Green Product (RoHS compliant) To meet the world-wide customer requirements for environmentally friendly products and to be compliant with government regulations the device is available as a green product. Green products are RoHS-Compliant (i.e Pb-free finish on leads and suitable for Pb-free soldering according to IPC/JEDEC J-STD-020). GPS05094 1.27 0.2 20x 0.35 +0.15 2) 12.8 1) -0.2 110 11 20 20x 0.1 Index Marking 1) Does not include plastic or metal protrusion of 0.15 max. per side 2) Does not include dambar protrusion of 0.05 max. per side 0.35 x 45˚ -0.2 1) 7.6 ±0.3 10.3 0.4 +0.8 You can find all of our packages, sorts of packing and others in our Infineon Internet Page “Products”: http://www.infineon.com/products. Dimensions in mm SMD = Surface Mounted Device |