| データシートサーチシステム |
|
TLE7469 データシート(PDF) 19 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE7469 データシート(HTML) 19 Page - Infineon Technologies AG |
|
19 / 21 page ![]() TLE 7469 Data Sheet 19 Rev. 1.6, 2008-01-22 Package Outlines Figure 9 PG-DSO-12 (Plastic Green Dual Small Outline) Green Product (RoHS compliant) To meet the world-wide customer requirements for environmentally friendly products and to be compliant with government regulations the device is available as a green product. Green products are RoHS-Compliant (i.e Pb-free finish on leads and suitable for Pb-free soldering according to IPC/JEDEC J-STD-020). GPS09628 1) Does not include plastic or metal protrusion of 0.15 max. per side (Heatslug) Index Marking 1 12 7.8 6 (Mold) 7 6 1 7 12 ±0.1 Heatslug 0.1 10.3±0.3 0.25 B 7.5±0.1 1) B 7.6 +0.13 -0.1 0.7±0.15 B 6.4±0.1 1) +0.13 0.4 0.25 M A C B 12x 1 5 x = 5 (Metal) 5.1±0.1 1 Bottom View For further packge information, please visit our website: http://www.infineon.com/packages. Dimensions in mm |