| データシートサーチシステム |
|
13892 データシート(PDF) 43 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
13892 データシート(HTML) 43 Page - Freescale Semiconductor, Inc |
|
43 / 161 page ![]() Analog Integrated Circuit Device Data Freescale Semiconductor 43 13892 FUNCTIONAL DEVICE OPERATION PROGRAMMABILITY Figure 6. SPI Transfer Protocol Multiple Read/Write Access SPI ELECTRICAL & TIMING REQUIREMENTS The following diagram and table summarize the SPI electrical and timing requirements. The SPI input and output levels are set independently via the SPIVCC pin by connecting it to the desired supply. This would typically be tied to SW4 programmed for 1.80 V. The strength of the MISO driver is programmable through the SPIDRV[1:0] bits. Figure 7. SPI Interface Timing Diagram |