| データシートサーチシステム |
|
MF1ICS50 データシート(PDF) 1 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MF1ICS50 データシート(HTML) 1 Page - NXP Semiconductors |
|
1 / 20 page ![]() 1. General description NXP has developed the MIFARE MF1ICS50 to be used in a contactless smart card according to ISO/IEC 14443 Type A. The MIFARE MF1ICS50 IC is used in applications like public transport ticketing where major cities have adopted MIFARE as their e-ticketing solution of choice. 1.1 Key applications • Public transportation • Access control • Event ticketing • Gaming & identity 1.2 Anticollision An intelligent anticollision function allows to operate more than one card in the field simultaneously. The anticollision algorithm selects each card individually and ensures that the execution of a transaction with a selected card is performed correctly without data corruption resulting from other cards in the field. MF1ICS50 Functional specification Rev. 5.6 — 24 November 2010 001056 Product data sheet PUBLIC Fig 1. MIFARE card reader contacts La , Lb 4 turns wire coil MF1ICS50 chip embedded into a module MIFARE card Energy Data MIFARE card reader |
同様の部品番号 - MF1ICS50 |
|
同様の説明 - MF1ICS50 |