| データシートサーチシステム |
|
V674ME02 データシート(PDF) 2 Page - Z-Communications, Inc |
|
|
|||||||||||||||||||||||||||||
V674ME02 データシート(HTML) 2 Page - Z-Communications, Inc |
|
2 / 2 page ![]() Tuning Curve, typ. 1100 1300 1500 1700 1900 2100 2300 2500 2700 2900 012 3 4 5 678 9 10 11 12 13 14 15 °C °C °C TUNING VOLTAGE (Vdc) Power Curve, typ. Footprint Voltage-Controlled Oscillator Surface Mount Module V674ME02 A1 Rev 0.030 MIN. CUTBACK FROM LIVE PADS RECOMMENDED FOOTPRINT SEVERAL HOLES OF 0.015 ON GND. PLANE ARE RECOMMENDED FOR GOOD GROUNDING. O °C °C °C LFSuffix = RoHS Compliant. All specifications are subject to change without notice. © Z-Communications, Inc. All Rights Reserved. Page 2 of 2 FRM-S-002 B -30 70 25 -30 70 25 0 2 4 6 8 10 12 14 16 18 20 1240 1607 1828 2009 2172 2325 2473 2621 FREQUENCY (MHz) Physical Dimensions Z-COMM XXXXXXXX-LF W/O# D/C PACKAGE H MINI-14S 0.220 0.160 MINI-14S-LOW 0.130 MINI-14S-L NOTE: ALL DIMENSIONS ARE IN INCHES TOL: XXX: +/- 0.010 PIN CONFIGURATION P1 Vt P2 RF OUT P3 Vcc REST GROUND |