データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UM-5SLIM データシート(PDF) 1 Page - QUARTZCOM the communications company

部品番号 UM-5SLIM
部品情報  Metal packaged through hole Crystal Wide frequency range: 8 to 250 MHz
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  QUARTZCOM [QUARTZCOM the communications company]
ホームページ  http://www.quartzcom.com
Logo QUARTZCOM - QUARTZCOM the communications company

UM-5SLIM データシート(HTML) 1 Page - QUARTZCOM the communications company

  UM-5SLIM Datasheet HTML 1Page - QUARTZCOM the communications company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
UM-4, UM-5, UM-1 Slim
Metal packaged through hole Crystal
2002/95/EC RoHS compliant
03 May. 10
QuartzCom AG
QuartzCom Asia
QuartzCom USA
sales@quartzcom.com
sales-asia@quartzcom.com
sales-usa@quartzcom.com
www.quartzcom.com
Features
Applications: telecommunications, audio, navigation, instruments
High frequency accuracy in stability and aging
Wide frequency range: 8 to 250 MHz
Thin package (slim)
Parameter
Specification
Frequency range
8 ~ 80 MHz
fundamental
30 ~ 180 MHz
3
rd overtone
80 ~ 250 MHz
5
th overtone
Mode of oscillation
AT cut
3
rd & 5th overtone
Standard frequencies
10.00, 10.368, 15.36, 20.48, 20.945, 80.00, 100.00
125.00, 155.52 & 175.00 MHz
Frequency tolerance
±5 ~ ±20 ppm
@ +25 °C
Frequency stability
±5 ~ ±20 ppm
vs. operating temperature range
Aging
<
±1 ppm
1
st year
Load capacitance
series or parallel resonance (CL = 8 ~ 32 pF)
Equivalent series resistance (ESR)
< 20
Ω @ 10 MHz
< 12
Ω @ 32 MHz
Drive level
10 ~ 100
μW
Operating temperature range
-20 ~ +70 °C
commercial application
-40 ~ +85 °C
industrial application
-40 ~ +125 °C
automotive & avionic application
Storage temperature range
-55 ~ +125 °C
Packaging
tray or plastic bag
Customer specifications on request
Type
UM-4
UM-5
UM-1
A [mm]
4.4
6.0
8.0


同様の部品番号 - UM-5SLIM

メーカー部品番号データシート部品情報
logo
MTRONPTI
UM-5 MTRONPTI-UM-5 Datasheet
294Kb / 3P
Miniature resistance weld package
logo
Abracon Corporation
UM-5 ABRACON-UM-5 Datasheet
384Kb / 1P
COMMUNICATION CRYSTALS ULTRA MINIATURE
logo
List of Unclassifed Man...
UM-5 ETC2-UM-5 Datasheet
193Kb / 1P
QUARTZ CRYSTAL RESONATOR
logo
AEL Crystals Ltd
UM-5 AEL-UM-5 Datasheet
141Kb / 1P
Miniature Crystals
logo
ECS, Inc.
UM-5 ECS-UM-5 Datasheet
455Kb / 1P
QUARTZ CRYSTALS
More results

同様の説明 - UM-5SLIM

メーカー部品番号データシート部品情報
logo
TEMEX
QEHC49H3 TEMEX-QEHC49H3 Datasheet
429Kb / 3P
HC49/S Crystal - Through Hole packaged
QEHC49U TEMEX-QEHC49U Datasheet
448Kb / 3P
HC49U Crystal - Through Hole packaged
logo
QUARTZCOM the communica...
HC-51U QUARTZCOM-HC-51U Datasheet
94Kb / 1P
Metal packaged low frequency Crystal Low frequency
UM-4 QUARTZCOM-UM-4 Datasheet
102Kb / 1P
Metal packaged SMD Crystal Wide frequency range: 8 to 250 MHz
UM-1MJSLIM QUARTZCOM-UM-1MJSLIM Datasheet
101Kb / 1P
Metal packaged SMD Crystal Wide frequency range: 8 to 250 MHz
logo
Mercury United Electron...
MW62 MERCURY-MW62 Datasheet
98Kb / 1P
Wide frequency range : [ 200.01 MHz ~ 800.0 MHz ]
MW572 MERCURY-MW572 Datasheet
97Kb / 1P
Wide frequency range : [ 200.01 MHz ~ 800.0 MHz ]
logo
QUARTZCOM the communica...
VXO-5S-4P QUARTZCOM-VXO-5S-4P Datasheet
103Kb / 1P
Miniature packaged SMD VCXO CMOS Output frequency range 2 MHz to 54 MHz
VXO-5S-6P QUARTZCOM-VXO-5S-6P Datasheet
97Kb / 1P
Miniature packaged SMD VCXO CMOS Output frequency range 2 MHz to 54 MHz
logo
Vishay Siliconix
BA779-G VISHAY-BA779-G Datasheet
97Kb / 4P
Wide frequency range 10 MHz to 1 GHz
25-Feb-13
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com