| データシートサーチシステム |
|
IR2302SPbF データシート(PDF) 5 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
IR2302SPbF データシート(HTML) 5 Page - International Rectifier |
|
5 / 22 page ![]() IR2302(S) & (PbF) www.irf.com 5 Lead Assignments 8 Lead PDIP 8 Lead SOIC (Also available LEAD-FREE (PbF) 1 2 3 4 8 7 6 5 VCC IN SD COM VB HO VS LO 1 2 3 4 8 7 6 5 VCC IN SD COM VB HO VS LO IR2302 IR2302S Lead Definitions Symbol Description IN Logic input for high and low side gate driver outputs (HO and LO), in phase with HO SD Logic input for shutdown VB High side floating supply HO High side gate drive output VS High side floating supply return VCC Low side and logic fixed supply LO Low side gate drive output COM Low side return |