| データシートサーチシステム |
|
CSR91B554MA データシート(PDF) 20 Page - Kemet Corporation |
|
|
|||||||||||||||||||||||||||||
CSR91B554MA データシート(HTML) 20 Page - Kemet Corporation |
|
20 / 38 page ![]() KEMET T111 SERIES MIL-PRF-39003 (CSR91) CAPACITORS DASH NUMBER REFERENCE MAX. FAILURE RATE LEVEL (%/1000 HRS.) DISSI- D.C. PATION KEMET CAPACITANCE LEAKAGE FACTOR EQUIVALENT CAPACITANCE CASE TOLERANCE KEMET µA@25°C %@25°C, M P R S B C D MILITARY µF SIZE ±% PART NUMBER MAX. 120Hz (1.0) (0.1) (0.01) (0.001) (0.1) (0.01) (0.001) PART NUMBER 75 VOLT RATING AT 85°C — 50 VOLT RATING AT 125°C (Cont’d) 0.9 B 10 T111B904K075AS 0.7 4 2014 2114 2214 2314 3150 4150 5150 T213B904K075(1)S 1.1 B 10 T111B115K075AS 0.8 4 2015 2115 2215 2315 3151 4151 5151 T213B115K075(1)S 1.1 B 20 T111B115M075AS 0.8 4 2016 2116 2216 2316 3152 4152 5152 T213B115M075(1)S 1.3 B 10 T111B135K075AS 1.0 4 2017 2117 2217 2317 3153 4153 5153 T213B135K075(1)S 1.6 B 10 T111B165K075AS 1.2 4 0311 0531 0751 0971 3154 4154 5154 T213B165K075(1)S 1.6 B 20 T111B165M075AS 1.2 4 0312 0532 0752 0972 3155 4155 5155 T213B165M075(1)S 1.9 B 10 T111B195K075AS 1.5 4 0313 0533 0753 0973 3156 4156 5156 T213B195K075(1)S 2.3 C 10 T111C235K075AS 3.0 4 2003 2103 2203 2303 3157 4157 5157 T213C235K075(1)S 2.3 C 20 T111C235M075AS 3.0 4 2004 2104 2204 2304 3158 4158 5158 T213C235M075(1)S 2.8 C 10 T111C285K075AS 3.0 4 2005 2105 2205 2305 3159 4159 5159 T213C285K075(1)S 3.4 C 10 T111C345K075AS 5.0 4 2006 2106 2206 2306 3160 4160 5160 T213C345K075(1)S 3.4 C 20 T111C345M075AS 5.0 4 2007 2107 2207 2307 3161 4161 5161 T213C345M075(1)S 4.1 C 10 T111C415K075AS 5.0 4 0314 0534 0754 0974 3162 4162 5162 T213C415K075(1)S 5.0 C 10 T111C505K075AS 5.0 4 0315 0535 0755 0975 3163 4163 5163 T213C505K075(1)S 5.0 C 20 T111C505M075AS 5.0 4 0316 0536 0756 0976 3164 4164 5164 T213C505M075(1)S 6.0 D 10 T111D605K075AS 5.0 4 0317 0537 0757 0977 3165 4165 5165 T213D605K075(1)S 7.5 D 10 T111D755K075AS 7.0 4 0318 0538 0758 0978 3166 4166 5166 T213D755K075(1)S 7.5 D 20 T111D755M075AS 7.0 4 0319 0539 0759 0979 3167 4167 5167 T213D755M075(1)S 100 VOLT RATING AT 85°C — 67 VOLT RATING AT 125°C 0.0023 A 10 T111A232K100AS 0.3 2 0320 0540 0760 0980 3168 4168 * T213A232K100(1)S 0.0023 A 20 T111A232M100AS 0.3 2 0321 0541 0761 0981 3169 4169 * T213A232M100(1)S 0.0028 A 10 T111A282K100AS 0.3 2 0322 0542 0762 0982 3170 4170 * T213A282K100(1)S 0.0034 A 10 T111A342K100AS 0.3 2 0323 0543 0763 0983 3171 4171 * T213A342K100(1)S 0.0034 A 20 T111A342M100AS 0.3 2 0324 0544 0764 0984 3172 4172 * T213A342M100(1)S 0.0041 A 10 T111A412K100AS 0.3 2 0325 0545 0765 0985 3173 4173 * T213A412K100(1)S 0.005 A 10 T111A502K100AS 0.3 2 0326 0546 0766 0986 3174 4174 * T213A502K100(1)S 0.005 A 20 T111A502M100AS 0.3 2 0327 0547 0767 0987 3175 4175 * T213A502M100(1)S 0.006 A 10 T111A602K100AS 0.3 2 0328 0548 0768 0988 3176 4176 * T213A602K100(1)S 0.0075 A 10 T111A752K100AS 0.3 2 0329 0549 0769 0989 3177 4177 * T213A752K100(1)S 0.0075 A 20 T111A752M100AS 0.3 2 0330 0550 0770 0990 3178 4178 * T213A752M100(1)S 0.009 A 10 T111A902K100AS 0.3 2 0331 0551 0771 0991 3179 4179 * T213A902K100(1)S 0.011 A 10 T111A113K100AS 0.3 2 0332 0552 0772 0992 3180 4180 * T213A113K100(1)S 0.011 A 20 T111A113M100AS 0.3 2 0333 0553 0773 0993 3181 4181 * T213A113M100(1)S 0.013 A 10 T111A133K100AS 0.3 2 0334 0554 0774 0994 3182 4182 * T213A133K100(1)S 0.016 A 10 T111A163K100AS 0.3 2 0335 0555 0775 0995 3183 4183 * T213A163K100(1)S 0.016 A 20 T111A163M100AS 0.3 2 0336 0556 0776 0996 3184 4184 * T213A163M100(1)S 0.019 A 10 T111A193K100AS 0.3 2 0337 0557 0777 0997 3185 4185 * T213A193K100(1)S 0.023 A 10 T111A233K100AS 0.3 2 0338 0558 0778 0998 3186 4186 * T213A233K100(1)S 0.023 A 20 T111A233M100AS 0.3 2 0339 0559 0779 0999 3187 4187 * T213A233M100(1)S 0.028 A 10 T111A283K100AS 0.3 2 0340 0560 0780 1000 3188 4188 * T213A283K100(1)S 0.034 A 10 T111A343K100AS 0.3 2 0341 0561 0781 1001 3189 4189 * T213A343K100(1)S 0.034 A 20 T111A343M100AS 0.3 2 0342 0562 0782 1002 3190 4190 * T213A343M100(1)S 0.041 A 10 T111A413K100AS 0.3 2 0343 0563 0783 1003 3191 4191 * T213A413K100(1)S 0.05 A 10 T111A503K100AS 0.3 2 0344 0564 0784 1004 3192 4192 * T213A503K100(1)S 0.05 A 20 T111A503M100AS 0.3 2 0345 0565 0785 1005 3193 4193 * T213A503M100(1)S 0.06 A 10 T111A603K100AS 0.3 2 0346 0566 0786 1006 3194 4194 * T213A603K100(1)S 0.075 A 10 T111A753K100AS 0.3 2 0347 0567 0787 1007 3195 4195 * T213A753K100(1)S 0.075 A 20 T111A753M100AS 0.3 2 0348 0568 0788 1008 3196 4196 * T213A753M100(1)S 0.09 A 10 T111A903K100AS 0.3 2 0349 0569 0789 1009 3197 4197 * T213A903K100(1)S 0.11 A 10 T111A114K100AS 0.3 2 0350 0570 0790 1010 3198 4198 * T213A114K100(1)S 0.11 A 20 T111A114M100AS 0.3 2 0351 0571 0791 1011 3199 4199 * T213A114M100(1)S 0.13 A 10 T111A134K100AS 0.3 2 0352 0572 0792 1012 3200 4200 * T213A134K100(1)S 0.16 A 10 T111A164K100AS 0.3 2 0353 0573 0793 1013 3201 4201 * T213A164K100(1)S 0.16 A 20 T111A164M100AS 0.3 2 0354 0574 0794 1014 3202 4202 * T213A164M100(1)S 0.19 A 10 T111A194K100AS 0.3 2 0355 0575 0795 1015 3203 4203 * T213A194K100(1)S 0.23 A 10 T111A234K100AS 0.3 2 0356 0576 0796 1016 3204 4204 * T213A234K100(1)S 0.23 A 20 T111A234M100AS 0.3 2 0357 0577 0797 1017 3205 4205 * T213A234M100(1)S 0.28 A 10 T111A284K100AS 0.3 2 0358 0578 0798 1018 3206 4206 * T213A284K100(1)S 0.34 B 10 T111B344K100AS 0.3 2 0359 0579 0799 1019 3207 4207 * T213B344K100(1)S 0.34 B 20 T111B344M100AS 0.3 2 0360 0580 0800 1020 3208 4208 * T213B344M100(1)S 0.41 B 10 T111B414K100AS 0.4 2 0361 0581 0801 1021 3209 4209 * T213B414K100(1)S 0.5 B 10 T111B504K100AS 0.5 2 0362 0582 0802 1022 3210 4210 * T213B504K100(1)S 0.5 B 20 T111B504M100AS 0.5 2 0363 0583 0803 1023 3211 4211 * T213B504M100(1)S 0.6 B 10 T111B604K100AS 0.5 3 0364 0584 0804 1024 3212 4212 * T213B604K100(1)S 0.75 B 10 T111B754K100AS 0.7 3 0365 0585 0805 1025 3213 4213 * T213B754K100(1)S 0.75 B 20 T111B754M100AS 0.7 3 0366 0586 0806 1026 3214 4214 * T213B754M100(1)S 0.9 B 10 T111B904K100AS 0.7 3 0367 0587 0807 1027 3215 4215 * T213B904K100(1)S 1.1 B 10 T111B115K100AS 0.9 3 0368 0588 0808 1028 3216 4216 * T213B115K100(1)S 1.1 B 20 T111B115M100AS 0.9 3 0369 0589 0809 1029 3217 4217 * T213B115M100(1)S 1.3 B 10 T111B135K100AS 1.1 3 0370 0590 0810 1030 3218 4218 * T213B135K100(1)S RATINGS & PART NUMBER REFERENCE MIL-PRF-39003/4C EXPONENTIAL MIL-PRF-39003/4C GRADED (1) To complete T213 Series Part Number, insert Failure Rate Symbol in the 13th Character as shown on Page 6. *Note: D failure rate — Not QPL for 5168 thru 5218 TANTALUM HERMETICALLY SEALED / AXIAL — MIL-PRF-39003 T111 SERIES — NON-POLAR & T213 (CSR91) KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606 (864) 963-6300 23 |