| データシートサーチシステム |
|
MM912F634CV2AP データシート(PDF) 49 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MM912F634CV2AP データシート(HTML) 49 Page - Freescale Semiconductor, Inc |
|
49 / 335 page ![]() Functional Description and Application Information Introduction MM912F634 Freescale Semiconductor 49 0x97 ADR8 (lo) R adr8 1 adr8 0 0 0 0 0 0 0 ADC Data Result Register 8 W 0x98 ADR9 (hi) R adr9 9 adr9 8 adr9 7 adr9 6 adr9 5 adr9 4 adr9 3 adr9 2 ADC Data Result Register 9 W 0x99 ADR9 (lo) R adr9 1 adr9 0 0 0 0 0 0 0 ADC Data Result Register 9 W 0x9A ADR10 (hi) R adr10 9 adr10 8 adr10 7 adr10 6 adr10 5 adr10 4 adr10 3 adr10 2 ADC Data Result Reg 10 W 0x9B ADR10 (lo) R adr10 1 adr10 0 0 0 0 0 0 0 ADC Data Result Reg 10 W 0x9C ADR11 (hi) R adr11 9 adr11 8 adr11 7 adr11 6 adr11 5 adr11 4 adr11 3 adr11 2 ADC Data Result Reg 11 W 0x9D ADR11 (lo) R adr11 1 adr11 0 0 0 0 0 0 0 ADC Data Result Reg 11 W 0x9E ADR12 (hi) R adr12 9 adr12 8 adr12 7 adr12 6 adr12 5 adr12 4 adr12 3 adr12 2 ADC Data Result Reg 12 W 0x9F ADR12 (lo) R adr12 1 adr12 0 0 0 0 0 0 0 ADC Data Result Reg 12 W 0xA2 ADR14 (hi) R adr14 9 adr14 8 adr14 7 adr14 6 adr14 5 adr14 4 adr14 3 adr14 2 ADC Data Result Reg 14 W 0xA3 ADR14 (lo) R adr14 1 adr14 0 0 0 0 0 0 0 ADC Data Result Reg 14 W 0xA4 ADR15 (hi) R adr15 9 adr15 8 adr15 7 adr15 6 adr15 5 adr15 4 adr15 3 adr15 2 ADC Data Result Reg 15 W 0xA5 ADR15 (lo) R adr15 1 adr15 0 0 0 0 0 0 0 ADC Data Result Reg 15 W 0xC0 TIOS R 0 0 0 0 IOS3 IOS2 IOS1 IOS0 TIM InCap/OutComp Select W 0xC1 CFORC R 00 00 000 0 Timer Compare Force Reg W FOC3 FOC2 FOC1 FOC0 0xC2 OC3M R 0 0 0 0 OC3M3 OC3M2 OC3M1 OC3M0 Output Comp 3 Mask Reg W 0xC3 OC3D R 0 0 0 0 OC3D3 OC3D2 OC3D1 OC3D0 Output Comp 3 Data Reg W 0xC4 TCNT (hi) R tcnt 15 tcnt 14 tcnt 13 tcnt 12 tcnt 11 tcnt 10 tcnt 9 tcnt 8 Timer Count Register W 0xC5 TCNT (lo) R tcnt 7 tcnt 6 tcnt 5 tcnt 4 tcnt 3 tcnt 2 tcnt 1 tcnt 0 Timer Count Register W 0xC6 TSCR1 R TEN 00 TFFCA 000 0 Timer System Control Reg 1 W 0xC7 TTOV R 0 0 0 0 TOV3 TOV2 TOV1 TOV0 Timer Toggle Overflow Reg W Table 65. Analog die Registers(55) - 0x0200–0x02FF D2D Blocking Access (D2DI) 2 of 3/ 0x0300–0x03FF D2D Non Blocking Access (D2DI) 3 of 3 (continued) Offset Name 7 6 5 4 3 2 1 0 |