| データシートサーチシステム |
|
MPC8377E データシート(PDF) 95 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8377E データシート(HTML) 95 Page - Freescale Semiconductor, Inc |
|
95 / 126 page ![]() MPC8377E PowerQUICC II Pro Processor Hardware Specifications, Rev. 4 Freescale Semiconductor 95 Package and Pin Listings LAD0 E24 I/O LBVDD — LAD1 G28 I/O LBVDD — LAD2 H25 I/O LBVDD — LAD3 F26 I/O LBVDD — LAD4 C26 I/O LBVDD — LAD5 J28 I/O LBVDD — LAD6 F21 I/O LBVDD — LAD7 F23 I/O LBVDD — LAD8 E25 I/O LBVDD — LAD9 E26 I/O LBVDD — LAD10 A23 I/O LBVDD — LAD11 F24 I/O LBVDD — LAD12 G24 I/O LBVDD — LAD13 F25 I/O LBVDD — LAD14 H28 I/O LBVDD — LAD15 G25 I/O LBVDD — LA11/LAD16 F27 I/O LBVDD — LA12/LAD17 B21 I/O LBVDD — LA13/LAD18 A25 I/O LBVDD — LA14/LAD19 C28 I/O LBVDD — LA15/LAD20 H24 I/O LBVDD — LA16/LAD21 E23 I/O LBVDD — LA17/LAD22 B28 I/O LBVDD — LA18/LAD23 D28 I/O LBVDD — LA19/LAD24 A27 I/O LBVDD — LA20/LAD25 C25 I/O LBVDD — LA21/LAD26 B27 I/O LBVDD — LA22/LAD27 H27 I/O LBVDD — LA23/LAD28 E21 I/O LBVDD — LA24/LAD29 F20 I/O LBVDD — LA25/LAD30 D29 I/O LBVDD — LA26/LAD31 E20 I/O LBVDD — LA27 H26 O LBVDD — Table 72. TePBGA II Pinout Listing (continued) Signal Package Pin Number Pin Type Power Supply Notes |