| データシートサーチシステム |
|
TLE6251G データシート(PDF) 9 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE6251G データシート(HTML) 9 Page - Infineon Technologies AG |
|
9 / 32 page ![]() TLE 6251 G Final Data Sheet 9 Rev. 3.3, 2008-06-19 Reduced Electromagnetic Emission The bus driver has an implemented control to reduce the electromagnetic emission (EME). This is achieved by controlling the symmetry of the slope, resp. of CANH and CANL. Overtemperature The driver stages are protected against overtemperature. Exceeding the shutdown temperature results in deactivation of the driving stages at CANH/L. To avoid a bit failure after cooling down, the signals can be transmitted again only after a dominant to recessive edge at TxD. Figure 3 shows the way how the transmission stage is deactivated and activated again. First an overtemperature condition causes the transmission stage to deactivate. After the overtemperature condition is no longer present, the transmission is only possible after the TxD bus signal has changed to recessive level. t Failure Overtemp V CC Overtemperature GND t TxD V CC GND CANH AET03394.VSD t V CC V CC/2 DR R Figure 3 Release of the Transmission after Overtemperature |