| データシートサーチシステム |
|
ATC20 データシート(PDF) 2 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATC20 データシート(HTML) 2 Page - ATMEL Corporation |
|
2 / 11 page ![]() 2 ATC20 Summary 1361BS–CBIC–09/02 Standard Cell Library SClib The Atmel Standard Cell Library, SClib, contains a comprehensive set of combinational logic and storage cells. The SClib library includes cells which belong to the following categories: • Buffers and Gates • Multiplexers •Flip-flops • Scan Flip-flops • Latches • Adders and Subtractors Decoding the Cell Name The table below shows the naming conventions for the cells in the SClib library. Each cell name begins with either a two-, three-, or four-letter code that defines the type of cell. This indicates the range of standard cells available. Table 2. Cell Codes Code Description Code Description AD Adder INVT Inverting 3-State Buffer AH Half Adder JK JK Flip-Flop AS Adder/Subtractor LA D Latch AN AND Gate MI Inverting Multiplexer AOI AND-OR-Invert Gate MX Multiplexer AON AND-OR-AND-Invert Gates ND NAND Gate AOR AND-OR Gate NR NOR Gate BH Bus Holder OAI OR-AND-Invert Gate BUFB Balanced Buffer OAN OR-AND-OR-Invert Gates BUFF Non-Inverting Buffer OR OR Gate BUFT Non-Inverting 3-State Buffer ORA OR-AND Gate CG Carry Generator SD Multiplexed Scan D Flip-Flop CLK2 Clock Buffer SE Multiplexed Scan Enable D Flip-Flop DE D-Enabled Flip-Flop SRLA Set/Reset Latches with NAND input DF D Flip-Flop SU Subtractor INV0 Inverter XN Exclusive NOR Gate INVB Balanced Inverter XR Exclusive OR Gate |