データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

P89LPC9331FDH データシート(PDF) 92 Page - NXP Semiconductors

部品番号 P89LPC9331FDH
部品情報  8-bit microcontroller with accelerated two-clock 80C51 core, 4 kB/8 kB/16 kB 3 V byte-erasable
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC9331FDH データシート(HTML) 92 Page - NXP Semiconductors

Back Button P89LPC9331FDH Datasheet HTML 86Page - NXP Semiconductors P89LPC9331FDH Datasheet HTML 87Page - NXP Semiconductors P89LPC9331FDH Datasheet HTML 88Page - NXP Semiconductors P89LPC9331FDH Datasheet HTML 89Page - NXP Semiconductors P89LPC9331FDH Datasheet HTML 90Page - NXP Semiconductors P89LPC9331FDH Datasheet HTML 91Page - NXP Semiconductors P89LPC9331FDH Datasheet HTML 92Page - NXP Semiconductors P89LPC9331FDH Datasheet HTML 93Page - NXP Semiconductors P89LPC9331FDH Datasheet HTML 94Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 92 / 94 page
background image
P89LPC9331_9341_9351_9361
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 10 January 2011
92 of 94
NXP Semiconductors
P89LPC9331/9341/9351/9361
8-bit microcontroller with accelerated two-clock 80C51 core
Non-automotive qualified products — Unless this data sheet expressly
states that this specific NXP Semiconductors product is automotive qualified,
the product is not suitable for automotive use. It is neither qualified nor tested
in accordance with automotive testing or application requirements. NXP
Semiconductors accepts no liability for inclusion and/or use of
non-automotive qualified products in automotive equipment or applications.
In the event that customer uses the product for design-in and use in
automotive applications to automotive specifications and standards, customer
(a) shall use the product without NXP Semiconductors’ warranty of the
product for such automotive applications, use and specifications, and (b)
whenever customer uses the product for automotive applications beyond
NXP Semiconductors’ specifications such use shall be solely at customer’s
own risk, and (c) customer fully indemnifies NXP Semiconductors for any
liability, damages or failed product claims resulting from customer design and
use of the product for automotive applications beyond NXP Semiconductors’
standard warranty and NXP Semiconductors’ product specifications.
16.4
Trademarks
Notice: All referenced brands, product names, service names and trademarks
are the property of their respective owners.
I2C-bus — logo is a trademark of NXP B.V.
17. Contact information
For more information, please visit: http://www.nxp.com
For sales office addresses, please send an email to: salesaddresses@nxp.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94