データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MCP65R46 データシート(PDF) 25 Page - Microchip Technology

部品番号 MCP65R46
部品情報  3 uA Comparator with Integrated Reference Voltage
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP65R46 データシート(HTML) 25 Page - Microchip Technology

Back Button MCP65R46 Datasheet HTML 21Page - Microchip Technology MCP65R46 Datasheet HTML 22Page - Microchip Technology MCP65R46 Datasheet HTML 23Page - Microchip Technology MCP65R46 Datasheet HTML 24Page - Microchip Technology MCP65R46 Datasheet HTML 25Page - Microchip Technology MCP65R46 Datasheet HTML 26Page - Microchip Technology MCP65R46 Datasheet HTML 27Page - Microchip Technology MCP65R46 Datasheet HTML 28Page - Microchip Technology MCP65R46 Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
 2010 Microchip Technology Inc.
DS22269A-page 25
MCP65R41/6
5.0
PACKAGING INFORMATION
5.1
Package Marking Information
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
6-Lead SOT-23
XXNN
Example
HV25
Part Number
Code
MCP65R41T-1202E/CHY
HVNN
MCP65R41T-2402E/CHY
HWNN
MCP65R46T-1202E/CHY
HXNN
MCP65R46T-2402E/CHY
HYNN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34