| データシートサーチシステム |
|
2STN1360 データシート(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
2STN1360 データシート(HTML) 1 Page - STMicroelectronics |
|
1 / 11 page ![]() October 2009 Doc ID 11783 Rev 2 1/11 11 2STD1360 2STF1360 - 2STN1360 Low voltage fast-switching NPN power transistors Features ■ Very low collector-emitter saturation voltage ■ High current gain characteristic ■ Fast-switching speed Applications ■ Emergency lighting ■ LED ■ Voltage regulation ■ Relay drive Description The devices are NPN transistors manufactured using new “PB-HDC” (power bipolar high density current) technology. The resulting transistor shows exceptional high gain performances coupled with very low saturation voltage. The complementary PNP types are the 2STD2360T4, the 2STF2360 and the 2STN2360. Figure 1. Internal schematic diagram TO-252 (DPAK) 4 3 2 1 1 2 4 3 1 3 SOT-223 SOT-89 TAB Table 1. Device summary Order codes Marking Packages Packaging 2STD1360T4 D1360 DPAK Tape and reel 2STF1360 1360 SOT-89 Tape and reel 2STN1360 N1360 SOT-223 Tape and reel www.st.com |
同様の部品番号 - 2STN1360 |
|
同様の説明 - 2STN1360 |