データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2STN2360 データシート(PDF) 9 Page - STMicroelectronics

部品番号 2STN2360
部品情報  Low voltage fast-switching PNP power transistors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2STN2360 データシート(HTML) 9 Page - STMicroelectronics

Back Button 2STN2360 Datasheet HTML 3Page - STMicroelectronics 2STN2360 Datasheet HTML 4Page - STMicroelectronics 2STN2360 Datasheet HTML 5Page - STMicroelectronics 2STN2360 Datasheet HTML 6Page - STMicroelectronics 2STN2360 Datasheet HTML 7Page - STMicroelectronics 2STN2360 Datasheet HTML 8Page - STMicroelectronics 2STN2360 Datasheet HTML 9Page - STMicroelectronics 2STN2360 Datasheet HTML 10Page - STMicroelectronics 2STN2360 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
2STD2360, 2STF2360, 2STN2360
Package mechanical data
Doc ID 13309 Rev 5
9/11
DIM.
mm.
min.
typ
max.
A
1.80
A1
0.02
0.1
B
0.60
0.70
0.85
B1
2.90
3.00
3.15
c
0.24
0.26
0.35
D6.30
6.50
6.70
e2.30
e1
4.60
E
3.30
3.50
3.70
H
6.70
7.00
7.30
V
10 o
SOT-223 mechanical data
0046067_L



Html Pages

1 2 3 4 5 6 7 8 9 10 11