| データシートサーチシステム |
|
L9466N データシート(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9466N データシート(HTML) 1 Page - STMicroelectronics |
|
1 / 11 page ![]() October 2008 Rev 2 1/11 11 L9466 Car alternator voltage regulator Features ■ For air and liquid cooled applications ■ DF output (inverted field monitor) ■ Thermal protection ■ FIeld driver, lamp driver, relay driver, and DF (field monitor) short circuit protected ■ Load response control ■ Single phase autostart Description The L9466 is a monolithic multifunction generator Voltage regulator intended for use in automotive charging applications. This All Silicon Voltage Regulator regulates the output of an automotive generator by controlling the field winding current by means of a variable frequency PWM high side driver. Multiwatt8 Table 1. Device summary Order code Package Packing L9466N Multiwatt8 Tube www.st.com |
同様の部品番号 - L9466N |
|
同様の説明 - L9466N |