| データシートサーチシステム |
|
LM317K データシート(PDF) 5 Page - Seme LAB |
|
|
|||||||||||||||||||||||||||||
LM317K データシート(HTML) 5 Page - Seme LAB |
|
5 / 7 page ![]() POSITIVE ADJUSTABLE VOLTAGE REGULATOR Semelab Limited Semelab Limited Semelab Limited Semelab Limited Coventry Road, Lutterworth, Leicestershire, LE17 4JB Telephone +44 (0) 1455 556565 Fax +44 (0) 1455 552612 Email: sales@semelab-tt.com Website: http://www.semelab-tt.com Document Number 8375 Issue 1 Page 5 of 7 ELECTRICAL CHARACTERISTICS(1)(3) (TC = 25°C unless otherwise stated) LM317A, IP317A, LM317AHV, IP317AHV Symbols Parameters Test Conditions Min. Typ Max. Units IOUT = 10mA 1.238 1.250 1.262 VREF Reference Voltage 10mA ≤ IOUT ≤ IMAX, P ≤ PMAX, 3V ≤ (VIN-VOUT) ≤ VMAX ● 1.225 1.250 1.270 V 0.005 0.010 IN OUT V V ∆ ∆ Line Regulation (2) 3V ≤ (VIN-VOUT) ≤ VMAX, IOUT = 10mA ● 0.010 0.020 %/V VOUT ≤ 5V 5 25 mV VOUT ≥ 5V 0.1 0.5 % VOUT ≤ 5V ● 15 50 mV OUT I OUT V ∆ ∆ Load Regulation (2)(3) 10mA ≤ IOUT ≤ IMAX VOUT ≥ 5V ● 0.3 1.0 % Thermal Regulation VIN = 14.58V, IOUT = 1.5A, PD = 20W, TA = 25°C, 20ms Pulse 0.002 0.020 %/W VOUT = 10V CADJ = 0 65 Ripple Rejection f = 120Hz CADJ = 10µF ● 66 80 dB IADJ Adjust Pin Current ● 50 100 ∆IADJ Adjust Pin Current Change 10mA ≤ IOUT ≤ IMAX, 2.5V ≤ (VIN-VOUT) ≤ VMAX • 0.2 5 µA (VIN - VOUT) = 40V ● 3.5 10 IMIN Minimum Load Current (VIN - VOUT) = 60V (HV Series) (HV Series) (HV Series) (HV Series) ● 3.5 12 mA (VIN - VOUT) ≤ 15V ● 1.5 2.2 (VIN - VOUT) = 40V ● 0.15 0.4 ICL Current Limit (VIN - VOUT) = 60V (HV Series) (HV Series) (HV Series) (HV Series) ● 0.1 A TEMP OUT V ∆ ∆ Temperature Stability ● 1.0 2 TIME OUT V ∆ ∆ Long Term Stability TA = 125°C, 1000Hrs 0.3 1.0 en RMS Output Noise (% of VOUT) TA = 25°C, 10Hz ≤ f ≤ 10KHz 0.003 % Notes Notes Notes Notes The ● denotes the specifications which apply over the full operating temperature range. (1) Test conditions unless otherwise stated: VIN - VOUT = 5V, IOUT = 0.5A, PMAX = 20W, IMAX = 1.5A (2) Regulation is measured at constant junction temperature, using pulse testing at a low duty cycle. Changes in output voltage due to heating effects are covered under thermal regulation specifications. Load regulation is measured at 1/ 8” below the bottom of the package. (3) VMAX = 40V for LM117, IP117, LM117A, IP117A, LM317, IP317, LM317A, IP317A VMAX = 60V for LM117HV, IP117HV, LM117AHV, IP117AHV, LM317HV, IP317HV, LM317AHV, IP317AHV |