データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SD1728 データシート(PDF) 7 Page - STMicroelectronics

部品番号 SD1728
部品情報  RF & Microwave transistors HF SSB application
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD1728 データシート(HTML) 7 Page - STMicroelectronics

  SD1728_07 Datasheet HTML 1Page - STMicroelectronics SD1728_07 Datasheet HTML 2Page - STMicroelectronics SD1728_07 Datasheet HTML 3Page - STMicroelectronics SD1728_07 Datasheet HTML 4Page - STMicroelectronics SD1728_07 Datasheet HTML 5Page - STMicroelectronics SD1728_07 Datasheet HTML 6Page - STMicroelectronics SD1728_07 Datasheet HTML 7Page - STMicroelectronics SD1728_07 Datasheet HTML 8Page - STMicroelectronics SD1728_07 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
SD1728 (TH430)
Package mechanical data
7/9
Figure 5.
Package dimensions
Table 7.
M177 (.550 DIA 4/L N/HERM W/FLG) mechanical data
Dim.
mm.
Inch
Min
Typ
Max
Min
Typ
Max
A
5.72
5.97
0.225
0.235
B
6.73
6.96
0.265
0.275
C
21.84
22.10
0.860
0.870
D
28.70
28.96
1.130
1.140
E
13.84
14.10
0.545
0.555
F
0.08
0.18
0.003
0.007
G
2.49
2.74
0.098
0.108
H
3.81
4.32
0.150
0.170
I
7.11
0.280
J
27.43
28.45
1.080
1.120
K
15.88
16.13
0.625
0.635
1011012D
Controlling Dim
ension: Inches



Html Pages

1 2 3 4 5 6 7 8 9