データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RHFL4913ESY331 データシート(PDF) 14 Page - STMicroelectronics

部品番号 RHFL4913ESY331
部品情報  Rad-hard positive fixed voltage regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFL4913ESY331 データシート(HTML) 14 Page - STMicroelectronics

Back Button RHFL4913ESY331 Datasheet HTML 10Page - STMicroelectronics RHFL4913ESY331 Datasheet HTML 11Page - STMicroelectronics RHFL4913ESY331 Datasheet HTML 12Page - STMicroelectronics RHFL4913ESY331 Datasheet HTML 13Page - STMicroelectronics RHFL4913ESY331 Datasheet HTML 14Page - STMicroelectronics RHFL4913ESY331 Datasheet HTML 15Page - STMicroelectronics RHFL4913ESY331 Datasheet HTML 16Page - STMicroelectronics RHFL4913ESY331 Datasheet HTML 17Page - STMicroelectronics RHFL4913ESY331 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
Package mechanical data
RHFL4913XX25, RHFL4913XX33, RHFL4913XX50
14/19
Doc ID 10004 Rev 11
Dim.
mm.
inch.
Min.
Typ.
Max.
Min.
Typ.
Max.
A2.84
3.00
3.15
0.112
0.118
0.124
A1
0.25
0.38
0.51
0.010
0.015
0.020
b
7.13
7.26
7.39
0.281
0.286
0.291
b1
5.58
5.72
5.84
0.220
0.225
0.230
b2
2.28
2.41
2.54
0.090
0.095
0.100
b3
2.92
3.05
3.18
0.115
0.120
0.125
D
10.03
10.16
10.28
0.395
0.400
0.405
D1
0.76
0.030
E7.39
7.52
7.64
0.291
0.2960.301
e1.91
0.075
SMD.5 mechanical data
7386434B
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19