データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STCL1160 データシート(PDF) 5 Page - STMicroelectronics

部品番号 STCL1160
部品情報  High frequency silicon oscillator family
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCL1160 データシート(HTML) 5 Page - STMicroelectronics

  STCL1160 Datasheet HTML 1Page - STMicroelectronics STCL1160 Datasheet HTML 2Page - STMicroelectronics STCL1160 Datasheet HTML 3Page - STMicroelectronics STCL1160 Datasheet HTML 4Page - STMicroelectronics STCL1160 Datasheet HTML 5Page - STMicroelectronics STCL1160 Datasheet HTML 6Page - STMicroelectronics STCL1160 Datasheet HTML 7Page - STMicroelectronics STCL1160 Datasheet HTML 8Page - STMicroelectronics STCL1160 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
STCL1100 STCL1120 STCL1160
Description
Doc ID 13337 Rev 5
5/18
1
Description
The STCL1100, STCL1120 and STCL1160 silicon oscillator devices are reliable, easy to
use, 5-pin low-cost fixed frequency silicon oscillators developed primarily for microprocessor
clock applications, display drivers or other system applications where tighter clock accuracy
is not critical. Compared to ceramic resonators and crystal oscillators, silicon oscillators
offer the advantages of faster startup, smaller size and improved immunity to shock,
vibration and EMI.
The STCL1100, STCL1120 and STCL1160 silicon oscillator devices are equipped with chip
enable input, offering an easy way to stop microprocessor clocking during a power saving
mode while at the same time significantly reducing the oscillator current consumption.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18