データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STPS16170CB データシート(PDF) 6 Page - STMicroelectronics

部品番号 STPS16170CB
部品情報  High voltage power Schottky rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS16170CB データシート(HTML) 6 Page - STMicroelectronics

Back Button STPS16170CB Datasheet HTML 2Page - STMicroelectronics STPS16170CB Datasheet HTML 3Page - STMicroelectronics STPS16170CB Datasheet HTML 4Page - STMicroelectronics STPS16170CB Datasheet HTML 5Page - STMicroelectronics STPS16170CB Datasheet HTML 6Page - STMicroelectronics STPS16170CB Datasheet HTML 7Page - STMicroelectronics STPS16170CB Datasheet HTML 8Page - STMicroelectronics STPS16170CB Datasheet HTML 9Page - STMicroelectronics STPS16170CB Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Package information
STPS16170C
6/10
Table 5.
I2PAK dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Max.
Min.
Max.
A
4.40
4.60
0.173
0.181
A1
2.40
2.72
0.094
0.107
b
0.61
0.88
0.024
0.035
b1
1.14
1.70
0.044
0.067
c
0.49
0.70
0.019
0.028
c2
1.23
1.32
0.048
0.052
D
8.95
9.35
0.352
0.368
e
2.40
2.70
0.094
0.106
e1
4.95
5.15
0.195
0.203
E
10
10.40
0.394
0.409
L
13
14
0.512
0.551
L1
3.50
3.93
0.138
0.155
L2
1.27
1.40
0.050
0.055
E
L2
L1
b1
D
A1
c
c2
A
b
e
e1
L



Html Pages

1 2 3 4 5 6 7 8 9 10