データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STWH13009 データシート(PDF) 6 Page - STMicroelectronics

部品番号 STWH13009
部品情報  High voltage fast-switching NPN power transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWH13009 データシート(HTML) 6 Page - STMicroelectronics

  STWH13009 Datasheet HTML 1Page - STMicroelectronics STWH13009 Datasheet HTML 2Page - STMicroelectronics STWH13009 Datasheet HTML 3Page - STMicroelectronics STWH13009 Datasheet HTML 4Page - STMicroelectronics STWH13009 Datasheet HTML 5Page - STMicroelectronics STWH13009 Datasheet HTML 6Page - STMicroelectronics STWH13009 Datasheet HTML 7Page - STMicroelectronics STWH13009 Datasheet HTML 8Page - STMicroelectronics STWH13009 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Package mechanical data
STWH13009
6/9
3
Package mechanical data
In order to meet environmental requirements, ST offers these devices in
ECOPACK® packages. These packages have a Lead-free second level
interconnect . The category of second level interconnect is marked on the
package and on the inner box label, in compliance with JEDEC Standard JESD97.
The maximum ratings related to soldering conditions are also marked on the inner
box label. ECOPACK is an ST trademark. ECOPACK specifications are available
at: www.st.com



Html Pages

1 2 3 4 5 6 7 8 9