データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TIP35CP データシート(PDF) 6 Page - STMicroelectronics

部品番号 TIP35CP
部品情報  Complementary power transistors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TIP35CP データシート(HTML) 6 Page - STMicroelectronics

  TIP35CP Datasheet HTML 1Page - STMicroelectronics TIP35CP Datasheet HTML 2Page - STMicroelectronics TIP35CP Datasheet HTML 3Page - STMicroelectronics TIP35CP Datasheet HTML 4Page - STMicroelectronics TIP35CP Datasheet HTML 5Page - STMicroelectronics TIP35CP Datasheet HTML 6Page - STMicroelectronics TIP35CP Datasheet HTML 7Page - STMicroelectronics TIP35CP Datasheet HTML 8Page - STMicroelectronics TIP35CP Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Package mechanical data
TIP35CP - TIP36CP
6/9
3
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect . The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at : www.st.com



Html Pages

1 2 3 4 5 6 7 8 9