データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CMX625 データシート(PDF) 23 Page - CML Microcircuits

部品番号 CMX625
部品情報  ISDN TA POTS Interface
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CMLMICRO [CML Microcircuits]
ホームページ  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX625 データシート(HTML) 23 Page - CML Microcircuits

Back Button CMX625 Datasheet HTML 19Page - CML Microcircuits CMX625 Datasheet HTML 20Page - CML Microcircuits CMX625 Datasheet HTML 21Page - CML Microcircuits CMX625 Datasheet HTML 22Page - CML Microcircuits CMX625 Datasheet HTML 23Page - CML Microcircuits CMX625 Datasheet HTML 24Page - CML Microcircuits CMX625 Datasheet HTML 25Page - CML Microcircuits CMX625 Datasheet HTML 26Page - CML Microcircuits CMX625 Datasheet HTML 27Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
ISDN TA POTS Interface
CMX625
 2001 Consumer Microcircuits Limited
23
D/625/2
1.6
Application Notes
When using the Tone/FSK bit (bit 6) of the MODE Register, each tone starts from VBIAS, and
returns to VBIAS before ending:
Figure 10 Tone Starting and Stopping
When switching between tones in the same column (bits 4 - 7 or bits 0 - 3) of the TX TONES
Register), the transition will be phase continuous. However, switching to the ‘OFF’ state will
immediately take the output of that tone generator to VBIAS.
Figure 11 Tone Changing
The TX TONES Register which does not have a frequency allocated is indicated by ‘-’ in the Tone
Field tables. These values should not be used.
1.6.1
Telecom Tones
The following tables give the hex codes to be programmed into the particular tone field location for
various telecommunications systems applications. The tables are not exhaustive, but list the more
commonly used tones.
Ringing Signals
(f ±2.5%)
Field 0
(Hz)
(Hex)
Off
$00
16.7
$01
20
$02
25
$03
35
$04
40
$05
50
$06



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34