データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CMX625P4 データシート(PDF) 33 Page - CML Microcircuits

部品番号 CMX625P4
部品情報  ISDN TA POTS Interface
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CMLMICRO [CML Microcircuits]
ホームページ  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX625P4 データシート(HTML) 33 Page - CML Microcircuits

Back Button CMX625P4 Datasheet HTML 26Page - CML Microcircuits CMX625P4 Datasheet HTML 27Page - CML Microcircuits CMX625P4 Datasheet HTML 28Page - CML Microcircuits CMX625P4 Datasheet HTML 29Page - CML Microcircuits CMX625P4 Datasheet HTML 30Page - CML Microcircuits CMX625P4 Datasheet HTML 31Page - CML Microcircuits CMX625P4 Datasheet HTML 32Page - CML Microcircuits CMX625P4 Datasheet HTML 33Page - CML Microcircuits CMX625P4 Datasheet HTML 34Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 33 / 34 page
background image
ISDN TA POTS Interface
CMX625
Handling precautions: This product includes input protection, however, precautions should be taken to prevent device damage
from electro-static discharge. CML does not assume any responsibility for the use of any circuitry described. No IPR or circuit
patent licences are implied. CML reserves the right at any time without notice to change the said circuitry and this product
specification. CML has a policy of testing every product shipped using calibrated test equipment to ensure compliance with this
product specification. Specific testing of all circuit parameters is not necessarily performed.
Oval Park - LANGFORD
MALDON - ESSEX
CM9 6WG - ENGLAND
Telephone: +44 (0)1621 875500
Telefax:
+44 (0)1621 875600
e-mail:
sales@cmlmicro.co.uk
http://www.cmlmicro.co.uk
1.7.2
Packaging
Figure 12 24-pin SSOP (D5) Mechanical Outline: Order as part no. CMX625D5
Figure 13 24-pin DIL (P4) Mechanical Outline: Order as part no. CMX625P4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34