| データシートサーチシステム |
|
EV6021 データシート(PDF) 8 Page - CML Microcircuits |
|
|
|||||||||||||||||||||||||||||
EV6021 データシート(HTML) 8 Page - CML Microcircuits |
|
8 / 28 page ![]() Evaluation Kit for CMX602B EV6021 2000 Consumer Microcircuits Limited 8 UM6021/4 JUMPERS - EVALUATION BOARD Link Ref. Positions Default Position Description JP1 1-2 s/c Connect handset socket to muteable speech path. JP2 1-2 s/c Disconnect to supply an external clock to CMX602B via pin 2. JP3 1-2 s/c Disconnect when supplying external clock to CMX602B via JP2 pin 2. JP4 1-2 s/c Disconnect to measure IDD of evaluation device. JP5 1-2 s/c Disconnect to supply an external clock to PIC16C74A via pin 1. JP6 1-2 s/c Disconnect when supplying external clock to PIC16C74A via JP5 pin 1. s/c = short circuit SWITCHES - EVALUATION BOARD Link Ref. Positions Default Position Description SW1 1-2/2-3 2-3 Resistive (default) or Complex line termination. SW2 1-2/2-3 2-3 Feature Phone (default) or Adjunct Box. SW3 1-2/2-3 2-3 Bellcore (default) or BT. SW4 1-2/2-3 2-3 Type 2 or Type 1. SW5 open/closed open PIC16C74A reset. SW6 1-2,6-5/2-3,4-5 2-3,4-5 Operating (default) or programming mode. |