データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FX602D4 データシート(PDF) 13 Page - CML Microcircuits

部品番号 FX602D4
部品情報  CALLING LINE IDENTIFIER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CMLMICRO [CML Microcircuits]
ホームページ  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX602D4 データシート(HTML) 13 Page - CML Microcircuits

Back Button FX602D4 Datasheet HTML 9Page - CML Microcircuits FX602D4 Datasheet HTML 10Page - CML Microcircuits FX602D4 Datasheet HTML 11Page - CML Microcircuits FX602D4 Datasheet HTML 12Page - CML Microcircuits FX602D4 Datasheet HTML 13Page - CML Microcircuits FX602D4 Datasheet HTML 14Page - CML Microcircuits FX602D4 Datasheet HTML 15Page - CML Microcircuits FX602D4 Datasheet HTML 16Page - CML Microcircuits FX602D4 Datasheet HTML 17Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
Calling Line Identifier
FX602
© 1998 Consumer Microcircuits Limited
13
D/602/7
1.5.9
Xtal Osc and Clock Dividers
Frequency and timing accuracy of the FX602 is determined by a 3.579545MHz clock present at the XTAL pin.
This may be generated by the on-chip oscillator inverter using the external components C1, C2 and X1 of
Figure 2, or may be supplied from an external source to the XTAL input, in which case C1, C2 and X1 should
not be fitted.
The oscillator is turned off in the 'Zero-Power' modes.
If the clock is provided by an external source which is not always running, then the ZP input must be set high
when the clock is not available. Failure to observe this rule may cause a significant rise in the supply current
drawn by FX602 as well as generating undefined states of the RXD, DET and IRQN outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29