データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FX929A データシート(PDF) 21 Page - CML Microcircuits

部品番号 FX929A
部品情報  4-Level FSK Modem Data Pump
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CMLMICRO [CML Microcircuits]
ホームページ  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX929A データシート(HTML) 21 Page - CML Microcircuits

Back Button FX929A Datasheet HTML 17Page - CML Microcircuits FX929A Datasheet HTML 18Page - CML Microcircuits FX929A Datasheet HTML 19Page - CML Microcircuits FX929A Datasheet HTML 20Page - CML Microcircuits FX929A Datasheet HTML 21Page - CML Microcircuits FX929A Datasheet HTML 22Page - CML Microcircuits FX929A Datasheet HTML 23Page - CML Microcircuits FX929A Datasheet HTML 24Page - CML Microcircuits FX929A Datasheet HTML 25Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
4-Level FSK Modem Data Pump
FX929A
© 1996 Consumer Microcircuits Limited
21
D/929A/4
t3
t3
t3
Modem Rx input
Symbols to
De-interleave circuit
Data from Data Block Buffer
Task to Command Register
for task #1
for task #2
for task #3
1
2
3
1
2
3
t6
t6
t6
t7
t7
t7
BFREE bit
Figure 11 Receive Task Timing Diagram
Task
Time
(symbol times)
t3
Time to receive all symbols of task
SFS
25 (minimum)
SFP
48 (minimum)
RSID
23
RHB/RILB
69
R4S
4
t6
Maximum time between first symbol of task
SFS
21
entering the de-interleave circuit and the
SFP
21
task being written to modem.
RSID
15
RHB/RILB
51
R4S
3
t7
Maximum time from the last bit of the task
Any
1
entering the de-interleave circuit to BFREE
going to a logic '1' (high)
RRC Filter Delay
The previous task timing figures are based on the signal at the input to the RRC filter (in transmit mode) or the
input to the de-interleave buffer (in receive mode). There is an additional delay of about 8 symbol times through
to the RRC filter in both transmit and receive modes, as illustrated below:
Symbol-times
Tx Symbol to RRC Filter
Rx Symbo l to D e-int erleave Buffer
Tx Symbol at Txop pin / Rx Symbo l from FM discriminator
Figure 12 RRC Low Pass Filter Delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44