| データシートサーチシステム |
|
FX929AD2 データシート(PDF) 12 Page - CML Microcircuits |
|
|
|||||||||||||||||||||||||||||
FX929AD2 データシート(HTML) 12 Page - CML Microcircuits |
|
12 / 44 page ![]() 4-Level FSK Modem Data Pump FX929A © 1996 Consumer Microcircuits Limited 12 D/929A/4 1.5.4 Frame Structure The FX929A Frame Structure as used in a RD-LAP system is illustrated in Figure 7, and consists of a Frame Preamble (comprising a 24-symbol Frame Synchronisation pattern and Station ID block) followed by a 'Header Block', one or more 'Intermediate Blocks and a 'Last Block'. Channel Status (S) symbols are included at regular intervals. The first Frame of any transmission is preceded by a Symbol Synchronisation pattern. SYMBOL SYNC FRAME SYNC S STATION ID S FRAME SYNC PACKET (1 TO 44 BLOCKS) FRAME 24 24 22 1 1 1 2 9 10 0 System ID Domain ID Base ID CRC0 7 7 7 0 0 0 0 8 '000' S S 22 symbols 22 symbols S 22 symbols 0 1 20 21 0 1 2 64 65 0 1 2 31 32 7 0 7 0 7 0 Byte 0 Byte 1 Byte 11 '000' 3 4 5 29 30 Block: 7 2 Byte 0 Byte 1 Byte 2 Byte 3 FRAME PREAMBLE 7 6 5 4 3 2 1 0 Byte 0 Byte 1 Byte 2 Byte 3 7 6 5 4 3 2 1 0 Byte 4 Byte 5 Byte 6 Byte 7 Byte 8 Byte 9 Byte 0 Byte 1 Byte 2 Byte 3 Byte 10 Byte 11 7 6 5 4 3 2 1 0 7 6 5 4 3 2 1 0 Address & Control (10 bytes) CRC1 (2 bytes) Data Bytes (12) CRC2 (4 bytes) Pad bytes (0 - 8) Data bytes (0 - 8) Header Block Last Block Station ID +3 +3 -3 -3 +3 +3 -3 -3 +3 +3 -3 -3 +3 +3 +3 +3 -3 -3 -3 -3 -3 -3 +3 +3 -1 +1 -1 +1 -1 +3 -3 +3 -3 -1 +1 -3 +3 +3 -1 +1 -3 -3 +1 +3 -1 -3 +1 +3 Frame Sync: Symbol Sync: sent first last 'S' : Channel Status Symbol : +3 = Busy +1 = Unknown -1 = Unknown -3 = Idle Intermediate Blocks tri-bits 4 -lev el s y m b ols 69 69 69 69 NEXT FRAME (OPTIONAL) FEC TRELLIS CODING / DECODING ( ERROR CORRECTION ) INTERLEAVING / DE-INTERLEAVING msb lsb Over-air signal (symbols) 'LAST' BLOCK 'HEADER' BLOCK INTERMEDIATE BLOCKS FEC TRELLIS CODING / DECODING ( ERROR CORRECTION ) Figure 7 Over Air Signal Format |