データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FX980 データシート(PDF) 21 Page - CML Microcircuits

部品番号 FX980
部品情報  TETRA Baseband Processor
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CMLMICRO [CML Microcircuits]
ホームページ  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX980 データシート(HTML) 21 Page - CML Microcircuits

Back Button FX980 Datasheet HTML 17Page - CML Microcircuits FX980 Datasheet HTML 18Page - CML Microcircuits FX980 Datasheet HTML 19Page - CML Microcircuits FX980 Datasheet HTML 20Page - CML Microcircuits FX980 Datasheet HTML 21Page - CML Microcircuits FX980 Datasheet HTML 22Page - CML Microcircuits FX980 Datasheet HTML 23Page - CML Microcircuits FX980 Datasheet HTML 24Page - CML Microcircuits FX980 Datasheet HTML 25Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 86 page
background image
TETRA Baseband Processor
FX980
© 1997 Consumer Microcircuits Limited
21
D/980/3
0
n_BigEndData
Low
RW
When set active causes serial port read data, from the Rx
port to be generated with the MSB data bit as the first serial
word bit. If inactive, the LSB is first. On taking N_RESET
Low this bit is active (i.e. the default is MSB first).
• Address and Data format for ConFigCtrl2 access
Data field [7:0]
R
D6
D5
D4
D3
D2
D1
D0
1
0
0
0
0
0
0
Address field [6:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86