データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AP6015 データシート(PDF) 7 Page - Diodes Incorporated

部品番号 AP6015
部品情報  High Efficiency Step-Down Low Power DC-DC Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIODES [Diodes Incorporated]
ホームページ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP6015 データシート(HTML) 7 Page - Diodes Incorporated

Back Button AP6015_09 Datasheet HTML 3Page - Diodes Incorporated AP6015_09 Datasheet HTML 4Page - Diodes Incorporated AP6015_09 Datasheet HTML 5Page - Diodes Incorporated AP6015_09 Datasheet HTML 6Page - Diodes Incorporated AP6015_09 Datasheet HTML 7Page - Diodes Incorporated AP6015_09 Datasheet HTML 8Page - Diodes Incorporated AP6015_09 Datasheet HTML 9Page - Diodes Incorporated AP6015_09 Datasheet HTML 10Page - Diodes Incorporated AP6015_09 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
AP6015
High Efficiency Step-Down Low Power DC-DC Converter
AP6015 Rev. 3
7 of 18
FEBRUARY 2009
www.diodes.com
© Diodes Incorporated
Input Voltage vs. Supply Current
0
50
100
150
200
250
22.5
33.6
44.5
55.5
Input Voltage (V)
Vout=0.8V
Vout=1.8V
Figure 1
Supply Current vs. Tem perature
(Vcc=3.6V Vout=2.5V)
0
50
100
150
200
250
-40
-25
0
25
50
85
Tem perature (
℃ )
Figure 2
Stand-by Current vs. Input Voltage
0
0.02
0.04
0.06
0.08
0.1
22.5
33.6
44.5
5
5.5
Input Voltage (V)
Figure 3
Stand-by Current vs. Tem perature
(Vcc=3.6V)
0
0.2
0.4
0.6
0.8
1
1.2
-40
-25
0
255085
Tem perature (
℃)
Figure 4
Typical Operating Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com